Part Number Hot Search : 
GT801 16NO7 A1003 R1EX240 BU2506 D2560 400000 NJM23
Product Description
Full Text Search
 

To Download MTP156K00691D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTP
Vishay Sprague
Wet Tantalum Capacitors Subminiature, Axial Leads
FEATURES
* Maximum CV/Unit volume * Ruggedized construction * Low dissipation factor * Low DC leakage * 100% 25C DCL screening * 100% voltage age @ 85C - 8 hours * 100% cap & DF screening
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 85C Voltage Range: 6 to 60VDC Reverse Voltage: None Capacitance Range: 3.3F to 470F Tolerance Range: 10%, 20% DC Leakage: At + 25C: 2.0A max At + 85C: 6.0 to 10.0A max
MAX RMS RIPPLE CURRENT @ 85C
Case Code D A B Milliamps 7.5 12.5 50 Case Sizes: (Four) .115 x .300 to .225 x .778 C 140
APPLICATIONS
* * * * Timing Circuits Filter Coupling Energy Storage By-Pass Circuits
ORDERING INFORMATION
MTP
MODEL MTP Sub-miniature
156
CAPACITANCE CODE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow.
K
CAPACITANCE TOLERANCE M = 20% K = 10%
006
DC VOLTAGE RATING This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating.
P
CASE CODE P = Polar
1
STYLE NUMBER 1 = Mylar Sleeve
D
CASE SIZE CODE
DIMENSIONS in inches [millimeters]
1.500 0.250 (38.1 6.35) L MAX. 1.500 0.250 (38.1 6.35)
D MAX. RED EPOXY TO INDICATE POSITIVE LEAD END
LEAD DIAM. 0.020 0.001 CASE INSULATED
D Case D A B C *1 Gram = .035 oz. www.vishay.com Inches [mm] 0.115 [2.92] 0.115 [2.92] 0.145 [3.68] 0.225 [5.72]
L Inches [mm] 0.300 [7.62] 0.403 [10.23] 0.600 [15.24] 0.778 [19.76]
APPROX WT Grams* 0.40 0.50 1.00 2.60
For technical questions, contact wettants@vishay.com
Document Number: 42076 Revision 24-Jul-02
MTP
Vishay Sprague
STANDARD RATINGS
CAP (F) Volts Cap 15 47 150 180 450 470 10 33 100 120 300 330 22 68 80 200 220 6.8 15 47 60 150 6 10 45 120 4.7 10 100 4 6.8 30 33 68 78 3.3 4.7 6.8 10 15 22 33 47 68 VOLTS Case DC 6 6 6 6 6 6 10 10 10 10 10 10 15 15 15 15 15 20 20 20 20 20 30 30 30 30 35 35 35 50 50 50 50 50 50 60 60 60 60 60 60 60 60 60 CASE CODE D A B B C C D A B B C C A B B C C D A B B C D A B C D A C D A B B C C D A A B B B C C C
Max ESR
PART NUMBER
Max Z
MAX DCL
A
+ 25C 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
+ 85C 6.0 6.0 8.0 8.0 10.0 10.0 6.0 6.0 8.0 8.0 10.0 10.0 6 8.0 8.0 10.0 10.0 6.0 6.0 8.0 8.0 10.0 6.0 6.0 8.0 10.0 6.0 6.0 10.0 6.0 6.0 8.0 8.0 10.0 10.0 6.0 6.0 6.0 8.0 8.0 8.0 10.0 10.0 10.0
MAX ESR + 25C 15.9 9.6 3.9 3.4 1.9 1.8 18.6 11.3 4.0 3.5 1.8 1.6 12.1 6.2 5.3 2.0 1.8 27.3 17.7 6.8 7.1 2.7 30.9 21.2 7.1 3.3 39.5 21.2 4.0 39.8 31.2 9.7 8.8 4.3 3.7 48.2 39.5 31.2 23.9 17.7 14.5 7.2 5.6 4.3
MAX Z - 55C 300 85 35 32 25 23 380 100 46 42 31 31 120 58 50 37 36 445 150 73 60 38 459 200 80 42 570 240 48 600 310 120 120 54 52 680 400 367 217 174 140 75 62 51
MAX % C from + 25C to - 55C to + 85C -40 -60 -50 -50 -60 -60 -40 -40 -45 -50 -60 -60 -40 -45 -45 -50 -50 -35 -40 -40 -45 -50 -40 -35 -35 -45 -30 -35 -45 -30 -30 -30 -30 -40 -40 -25 -30 -30 -35 -35 -30 -35 -40 -40 +15 +15 +15 +15 +15 +15 +15 +15 +15 +15 +15 +15 +12 +12 +12 +12 +12 +11 +11 +11 +11 +11 +10 +10 +10 +10 +10 +10 +10 +10 +10 +10 +10 +10 +10 +9 +9 +9 +9 +9 +9 +9 +9 +9
MTP156*006P1D MTP476*006P1A MTP157*006P1B MTP187*006P1B MTP457*006P1C MTP477*006P1C MTP106*010P1D MTP336*010P1A MTP107*010P1B MTP127*010P1B MTP307*010P1C MTP337*010P1C MTP226*015P1A MTP686*015P1B MTP806*015P1B MTP207*015P1C MTP227*015P1C MTP685*020P1D MTP156*020P1A MTP476*020P1B MTP606*020P1B MTP157*020P1C MTP605*030P1D MTP106*030P1A MTP456*030P1B MTP127*030P1C MTP475*035P1D MTP106*035P1A MTP107*035P1C MTP405*050P1D MTP685*050P1A MTP306*050P1B MTP336*050P1B MTP686*050P1C MTP786*050P1C MTP335*060P1D MTP475*060P1A MTP685*060P1A MTP106*060P1B MTP156*060P1B MTP226*060P1B MTP336*060P1C MTP476*060P1C MTP686*060P1C
* Insert Appropriate Letter Code For Tolerance: M = 20%, K = 10%
STANDARD REEL SPECIFICATIONS
CASE D A B C *12" Reel Size Document Number: 42076 Revision 24-Jul-02 For technical questions, contact wettants@vishay.com www.vishay.com STANDARD REEL QUANTITY (PCS)* 3500 3500 2000 700


▲Up To Search▲   

 
Price & Availability of MTP156K00691D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X